Part Number Hot Search : 
NCE0208I S0104 MODEL 2N6502 TC8600 CLL4701 SB1B0S CLL4701
Product Description
Full Text Search
 

To Download STD70GK08B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  std70gkxxb thyristor-diode modules type STD70GK08B std70gk12b std70gk14b std70gk16b std70gk18b v rrm v drm v 800 1200 1400 1600 1800 v rsm v dsm v 900 1300 1500 1700 1900 dimensions in mm (1mm=0.0394") symbol t est conditions maximum ratings unit t vj =t vjm t c =85 o c; 180 o sine 110 70 a t vj =45 o c t=10ms (50hz), sine v r =0 t=8.3ms (60hz), sine t vj =t vjm t=10ms(50hz), sine v r =0 t=8.3ms(60hz), sine 1600 1700 1450 1540 a i tsm , i fsm t vj =45 o c t=10ms (50hz), sine v r =0 t=8.3ms (60hz), sine t vj =t vjm t=10ms(50hz), sine v r =0 t=8.3ms(60hz), sine 13200 13990 9900 10500 a 2 s i 2 dt (di/dt) cr 150 500 a/us (dv/dt) cr t vj =t vjm ; v dr =2/3v drm r gk = ; method 1 (linear voltage rise) 1000 v/us p gm t vj =t vjm t p =30us i t =i t a vm t p =300us 10 5 w p g a v 0.5 w i trms , i frms i t a vm , i f a vm o c t vj t vjm t stg -40...+125 125 -40...+125 v isol 50/60hz, rms t=1min i isol <1m a t=1s 3000 3600 v~ m d mounting torque (m5) t erminal connection torque (m5) _ 2.5-4.0/22-35 2.5-4.0/22-35 nm/lb.in. w eight 120 g t vj =t vjm repetitive, i t =150a f=50hz, t p =200us v d =2/3v drm i g =0.45 a non repetitive, i t =i t a vm di g /dt=0.45a/us v rgm 10 v t ypical including screws p1 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
std70gkxxb thyristor-diode modules symbol t est conditions characteristic v alues unit v v t , v f i t , i f =210a ; t vj =25 o c 1.60 v t o f or p o w er-loss calculations only (t vj =125 o c) 0.85 v r t 3.7 m v d =6 v ; t vj =25 o c t vj =-40 o c v gt 1.5 1.6 v v d =6 v ; t vj =25 o c t vj =-40 o c i gt 100 200 ma v gd t vj =t vjm ; v d =2/3v drm 0.2 v i gd 10 ma i h t vj =25 o c ; v d =6 v ; r gk = 200 ma t vj =25 o c ; t p =10us ; v d =6v i g =0.45a ; di g /dt=0.45a/us 450 ma i l per t h y r istor/diode ; dc current per module r thjc 0.45 0.225 k/w per t h y r istor/diode ; dc current per module r thjk 0.65 0.325 k/w d s creeping distance on sur f ace 12.7 mm d a st r i k e distance through air 9.6 mm a maxi m um all o w a b le accele r ation 50 m/s 2 i rrm , i drm t vj =t vjm ; v r =v rrm ; v d =v drm 5 ma t vj =25 o c ; v d =1/2v drm i g =0.45a ; di g /dt=0.45a/us t gd 2 us t vj =t vjm ; i t =150a ; t p =200us ; -di/dt=10a/us ty p . v r =100 v ; dv/dt=20v/us ; v d =2/3v drm t q 150 us uc q s t vj =t vjm ; i t , i f =50a ; -di/dt=3a/us 100 i rm 24 a a d v an t a ges * space and w eight s a vings * simple mounting with t w o scr e ws * impr o v ed tempe r ature and p o w er cycling * reduced protection circuits applic a tions * dc motor control * softsta r t a c motor controller * light, heat and tempe r ature control fe a tures * inte r national standard pa c kage * glass passi v ated chips * isolation v oltage 3600 v~ * ul file no.310749 * rohs complian t * copper base plate p2 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
std70gkxxb thyristor-diode modules fig. 1 - current ratings characteristics fig. 2 - current ratings characteristics 70 80 90 100 110 120 130 0 1020304050607080 maximum allowable case temperature (c) 30 60 90 120 180 average on-state current (a) conduction angle irk.71.. series r (dc) = 0.33 k/w thjc 70 80 90 100 110 120 130 0 20 40 60 80 100 120 dc 30 60 90 120 180 average on-state current (a) maximum allowable case temperature (c) conduction period irk.71.. series r (dc) = 0.33 k/w thjc fig. 3 - on-state power loss characteristics fig. 5 - maximum non-repetitive surge current fig. 6 - maximum non-repetitive surge current fig. 4 - on-state power loss characteristics 0 20 40 60 80 100 120 0 1020304050607080 180 120 90 60 30 rms limit conduction angle maximum average on-state power loss (w) average on-state current (a) irk.71.. series per junction t = 125c j 0 20 40 60 80 100 120 140 0 20 40 60 80 100 120 dc 180 120 90 60 30 rms limit conduction period maximum average on-state power loss (w) average on-state current (a) irk.71.. series per junction t = 125c j 700 800 900 1000 1100 1200 1300 1400 1500 1600 11 01 0 0 number of equal amplitude half cycle current pulses (n) peak half sine wave on-state current (a) initial t = 125c @ 60 hz 0.0083 s @ 50 hz 0.0100 s j at any rated load condition and with rated v applied following surge. rrm irk.71.. series per junction 600 800 1000 1200 1400 1600 1800 0.01 0.1 1 peak half sine wave on-state current (a) pulse train duration (s) initial t = 125c no voltage reapplied rated v reapplied of conduction may not be maintained. rrm j maximum non repetitive surge current versus pulse train duration. control irk.71.. series per junction p3 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
std70gkxxb thyristor-diode modules fig. 9 - on-state power loss characteristics fig. 8 - on-state power loss characteristics 0 20 40 60 80 100 120 140 maximum allowable ambient temperature (c) r = 0 .1 k / w - d e lta r t h s a 0 . 3 k / w 0 . 5 k / w 1 k / w 2 k / w 0 .2 k / w 0 100 200 300 400 500 600 0 20 40 60 80 100 120 140 160 180 total output current (a) maximum total power loss (w) 180 (sine) 180 (rect) 2 x std70b/sdtt70b..series single phase bridge connected t = 125c j 0 20 40 60 80 100 120 140 maximum allowable ambient temperature (c) 1 k / w 0 . 5 k / w 0 . 3 k / w r = 0 . 1 k / w - d e l t a r 0 . 2 k / w t h s a 0 100 200 300 400 500 600 700 800 0 40 80 120 160 200 240 total output current (a) maximum total power loss (w) 120 (rect) 3 x std70b/sdt70b..series three phase bridge connected t = 125c j fig. 7 - on-state power loss characteristics 0 20 40 60 80 100 120 140 maximum allowable ambient temperature (c) r = 0 . 1 k / w - d e l t a r t h s a 3 k / w 1 . 5 k / w 1 k / w 0 . 7 k / w 0 . 5 k / w 0 . 4 k / w 0 . 3 k / w 0 . 2 k / w 0 50 100 150 200 250 0 20 40 60 80 100 120 140 160 180 180 120 90 60 30 total rms output current (a) maximum total on-state power loss (w) conduction angle std70b/sdt70b..series per module t = 125c j p4 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com


▲Up To Search▲   

 
Price & Availability of STD70GK08B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X